Part Number Hot Search : 
TFS400 TW1103KA TFS400 FQP6N15 MN6168 LTA673 15KW18A 3305K0
Product Description
Full Text Search
 

To Download NAZT681M35V125X14JLBYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  66 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nazt series features ? cylindrical v-chip construction for surface mounting ? available with anti-vibration wide terminations ? very low impedance & high ripple current at 100khz ? extended load life (2,000 ~ 5,000 hours @ +105c) ? suitable for dc-dc converter, dc-ac inverter, etc. ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 100vdc rated capacitance range 4.7 ~ 6,800 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8.0 13 20 32 44 63 79 125 4 ~ 8mm diameter 0.26 0.20 0.16 0.14 0.12 0.12 - - 8 ~ 16mm diameter 0.28 0.24 0.22 0.16 0.14 0.14 0.08 0.07 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 63 100 z-25c/z+20c 32222222 z-55c/z+20c 44433333 load life test @ 105c 4 ~ 6mm dia. 2,000 hours 8 ~ 16mm dia. 5,000 hours capacitance change within 30% of initial measured value tan less than 300% of the speci? ed maximum value leakage current less than the speci? ed maximum value cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 4.7 4r7 - - - - 4x6.3 4x6.3 - - 10 100 - - - 4x6.3 5x6.3 6.3x6.3 - - 15 150 - - 4x6.3 5x6.3 5x6.3 6.3x6.3 - - 22 220 - 4x6.3 5x6.3 5x6.3 5x6.3 6.3x6.3 - - 27 270 4x6.3 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x8 - - 33 330 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 - 10x10.5 47 470 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 - 12.5x14 56 560 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 - - 68 680 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 - 12.5x14 100 101 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 - 16x17 150 151 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 16x17 220 221 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 - 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 - - 470 471 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 16x17 - 680 681 8x10.5 10x10.5 10x10.5 12.5x14 12.5x14 16x17 - - 1000 102 8x10.5 10x10.5 12.5x14 - 16x17 16x17 - - 10x10.5 1500 152 10x10.5 12.5x14 12.5x14 16x17 16x17 - - - 2200 222 12.5x14 12.5x14 - 16x17 ---- 3300 332 - - 16x17 - ---- 4700 472 - 16x17 - - ---- 6800 682 16x17 - - - ---- standard values and case sizes (mm) sac alloy compatible 230c ~ 260c *see part number system for details rohs compliant includes all homogeneous materials new expanded values new expanded values 63v ~ 100v dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 4x6.3 4.0 6.3 4.3 4.3 1.8 0.5~0.8 1.0 1,200 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5~0.8 1.4 800 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 800 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.0 3.2 300 10x10.5 10.0 10.5 10.3 10.3 3.2 1.1~1.4 4.6 300 12.5x14 12.5 14.0 12.8 12.8 4.5 1.1~1.4 4.6 200 16x17 16.0 17.0 16.3 16.3 5.5 1.8~2.1 7.0 125 0.3mm max. d l + - i i w p a b
67 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com code peak re? ow temperature n 260c l 250c k 245c j 240c h 235c code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel peak reflow temperature codes termination finish & packaging options codes surface mount aluminum electrolytic capacitors nazt series voltage diameter time above 200c time above 230c peak temperature 5 seconds 6.3 ~ 50v 4 ~ 8mm 80 sec. max. 40 sec. max. see part number suf? x and peak re? ow temperature table 10mm 70 sec. max. 40 sec. max. 12.5mm 60 sec. max. 30 sec. max. 16mm 50 sec. max. 20 sec. max. 63v 12.5mm 50 sec. max. 20 sec. max. 16mm 50 sec. max. 15 sec. max. 100v 10mm 50 sec. max. 20 sec. max. 12.5mm 50 sec. max. 20 sec. max. 16mm 45 sec. max. 10 sec. max. reflow temperatures and duration time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) case size a b c 4x6.3 1.0 2.6 1.8 5x6.3 1.4 3.0 1.8 6x3x6.3 6.3x8 2.1 3.5 1.8 8x10.5 2.8 4.1 2.1 10x10.5 4.3 4.4 2.5 12.5x14 4.3 5.8 2.5 16x17 6.6 6.5 5.0 a c b standard terminal land pattern dimensions (mm) c w p a r r t b case size d 0.5 l max. a, b c 0.2 p 0.2 w r t 8 x 10.5wt 8.0 10.5 8.3 0.2 9.0 3.2 0.7 ~ 1.0 (0.7) (1.3) 10 x 10.5wt 10.0 10.8 10.3 0.2 11.0 4.6 1.0 ~ 1.4 (0.7) (1.3) 12.5 x 14wt 12.5 14.3 13.5 0.2 14.2 4.6 1.0 ~ 1.4 (2.2) (2.4) 16 x 17wt 16.0 17.5 17.0 0.2 18.0 7.0 1.8 ~ 2.1 (3.0) (2.0) wide termination (wt) dim. (mm) case size a b c 8x10.5 2.5 4.5 4.7 10x10.5 3.8 4.8 4.7 12.5x14 3.8 6.1 6.9 16x17 5.0 8.0 9.5 wt land pattern dim. (mm) a c b nazt 101 m 16v 6.3x6.3 n b w y f rohs compliant wide terminations (opt.) termination/packaging code re? ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi? ed production site termination de? ection: wt = 0.15mm max. from bottom of support terminals d l wt anti-vibration skirt capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature.
68 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma) +105c, 100khz load life hours @ +105c nazt270m6.3v4x6.3nbf 27 6.3 0.26 1.45 90 2,000 nazt330m6.3v5x6.3nbf 33 0.26 0.70 150 2,000 nazt470m6.3v5x6.3nbf 47 0.26 0.70 150 2,000 nazt560m6.3v5x6.3nbf 56 0.26 0.70 150 2,000 nazt680m6.3v6.3x6.3nbf 68 0.26 0.39 230 2,000 nazt101m6.3v6.3x6.3nbf 100 0.26 0.39 230 2,000 nazt151m6.3v6.3x6.3nbf 150 0.26 0.39 230 2,000 nazt221m6.3v6.3x6.3nbf 220 0.26 0.39 230 2,000 nazt331m6.3v6.3x8nbf 330 0.26 0.30 280 2,000 nazt471m6.3v8x10.5nbf 470 0.28 0.17 450 5,000 nazt681m6.3v8x10.5nbf 680 0.28 0.17 450 5,000 nazt102m6.3v8x10.5nbf 1000 0.28 0.17 450 5,000 nazt102m6.3v10x10.5lbf 0.28 0.09 670 5,000 nazt152m6.3v10x10.5lbf 1500 0.28 0.09 670 5,000 nazt222m6.3v12.5x14jbf 2200 0.30 0.066 900 5,000 nazt682m6.3v16x17hsf 6800 0.38 0.035 1800 5,000 nazt220m10v4x6.3nbf 22 10 0.20 1.45 90 2,000 nazt270m10v5x6.3nbf 27 0.20 0.70 170 2,000 nazt330m10v5x6.3nbf 33 0.20 0.70 170 2,000 nazt470m10v6.3x6.3nbf 47 0.20 0.39 250 2,000 nazt560m10v6.3x6.3nbf 56 0.20 0.39 250 2,000 nazt680m10v6.3x6.3nbf 68 0.20 0.39 250 2,000 nazt101m10v6.3x6.3nbf 100 0.20 0.39 250 2,000 nazt151m10v6.3x6.3nbf 150 0.20 0.39 250 2,000 nazt221m10v6.3x8nbf 220 0.20 0.30 300 2,000 nazt331m10v8x10.5nbf 330 0.24 0.17 450 5,000 nazt471m10v8x10.5nbf 470 0.24 0.17 450 5,000 nazt681m10v10x10.5lbf 680 0.24 0.09 670 5,000 nazt102m10v10x10.5lbf 1000 0.24 0.09 670 5,000 nazt152m10v12.5x14jbf 1500 0.24 0.066 900 5,000 nazt222m10v12.5x14jbf 2200 0.26 0.066 900 5,000 nazt472m10v16x17hsf 4700 0.30 0.035 1800 5,000 nazt150m16v4x6.3nbf 15 16 0.16 1.45 90 2,000 nazt220m16v5x6.3nbf 22 0.16 0.70 170 2,000 nazt270m16v5x6.3nbf 27 0.16 0.70 170 2,000 nazt330m16v6.3x6.3nbf 33 0.16 0.39 250 2,000 nazt470m16v6.3x6.3nbf 47 0.16 0.39 250 2,000 nazt560m16v6.3x6.3nbf 56 0.16 0.39 250 2,000 nazt680m16v6.3x6.3nbf 68 0.16 0.39 250 2,000 nazt101m16v6.3x6.3nbf 100 0.16 0.39 250 2,000 nazt151m16v6.3x8nbf 150 0.16 0.30 300 2,000 nazt221m16v6.3x8nbf 220 0.16 0.30 300 2,000 nazt331m16v8x10.5nbf 330 0.22 0.17 450 5,000 nazt471m16v8x10.5nbf 470 0.22 0.17 450 5,000 nazt681m16v10x10.5lbf 680 0.22 0.09 670 5,000 nazt102m16v12.5x14jbf 1000 0.22 0.066 900 5,000 nazt152m16v12.5x14kbf 1500 0.22 0.06 900 5,000 nazt332m16v16x17hsf 3300 0.26 0.035 1800 5,000 nazt100m25v4x6.3nbf 10 25 0.14 1.45 90 2,000 nazt150m25v5x6.3nbf 15 0.14 0.70 150 2,000 nazt220m25v5x6.3nbf 22 0.14 0.70 150 2,000 nazt270m25v6.3x6.3nbf 27 0.14 0.39 250 2,000 nazt330m25v6.3x6.3nbf 33 0.14 0.39 250 2,000 nazt470m25v6.3x6.3nbf 47 0.14 0.39 230 2,000 nazt560m25v6.3x6.3nbf 56 0.14 0.39 250 2,000 nazt680m25v6.3x6.3nbf 68 0.14 0.39 250 2,000 nazt101m25v6.3x8nbf 100 0.14 0.30 300 2,000 nazt151m25v8x10.5nbf 150 0.16 0.17 450 5,000 nazt221m25v8x10.5nbf 220 0.16 0.17 450 5,000 nazt331m25v8x10.5nbf 330 0.16 0.17 450 5,000 nazt471m25v10x10.5lbf 470 0.16 0.09 670 5,000 surface mount aluminum electrolytic capacitors nazt series standard values, case sizes and specifications for automotive equipment, see part number system
69 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma) +105c, 100khz load life hours @ +105c nazt681m25v12.5x14jbf 680 25 0.16 0.066 900 5,000 nazt152m25v16x17hsf 1500 0.16 0.035 1800 5,000 nazt222m25v16x17hsf 2200 0.18 0.035 1800 5,000 nazt4r7m35v4x6.3nbf 4.7 35 0.12 1.45 90 2,000 nazt100m35v5x6.3nbf 10 0.12 0.70 170 2,000 nazt150m35v5x6.3nbf 15 0.12 0.70 170 2,000 nazt220m35v5x6.3nbf 22 0.12 0.70 170 2,000 nazt270m35v6.3x6.3nbf 27 0.12 0.39 250 2,000 nazt330m35v6.3x6.3nbf 33 0.12 0.39 250 2,000 nazt470m35v6.3x6.3nbf 47 0.12 0.39 250 2,000 nazt560m35v6.3x8nbf 56 0.12 0.30 300 2,000 nazt680m35v6.3x8nbf 68 0.12 0.30 300 2,000 nazt101m35v8x10.5nbf 100 0.14 0.17 450 5,000 nazt151m35v8x10.5nbf 150 0.14 0.17 450 5,000 nazt221m35v8x10.5nbf 220 0.14 0.17 450 5,000 nazt331m35v10x10.5lbf 330 0.14 0.09 670 5,000 nazt471m35v12.5x14jbf 470 0.14 0.066 900 5,000 nazt681m35v12.5x14jbf 680 0.14 0.066 900 5,000 nazt102m35v16x17hsf 1000 0.14 0.035 1800 5,000 nazt152m35v16x17hsf 1500 0.16 0.035 1800 5,000 nazt4r7m50v4x6.3nbf 4.7 50 0.12 2.90 60 2,000 nazt100m50v6.3x6.3nbf 10 0.12 0.88 165 2,000 nazt150m50v6.3x6.3nbf 15 0.12 0.88 165 2,000 nazt220m50v6.3x6.3nbf 22 0.12 0.88 165 2,000 nazt270m50v6.3x8nbf 27 0.12 0.68 195 2,000 nazt330m50v6.3x8nbf 33 0.12 0.68 195 2,000 nazt470m50v6.3x8nbf 47 0.12 0.68 195 2,000 nazt560m50v8x10.5nbf 56 0.14 0.34 300 5,000 nazt680m50v8x10.5nbf 68 0.14 0.34 300 5,000 nazt101m50v8x10.5nbf 100 0.14 0.34 300 5,000 nazt151m50v10x10.5lbf 150 0.14 0.21 490 5,000 nazt221m50v10x10.5lbf 220 0.14 0.21 490 5,000 nazt331m50v12.5x14jbf 330 0.14 0.14 620 5,000 nazt471m50v16x17hsf 470 0.14 0.073 1610 5,000 nazt681m50v16x17hsf 680 0.14 0.073 1610 5,000 nazt102m50v16x17hsf 1000 0.14 0.073 1610 5,000 nazt151m63v12.5x14jbf 150 63 0.08 0.16 580 5,000 nazt221m63v12.5x14jbf 220 0.08 0.16 580 5,000 nazt471m63v16x17hsf 470 0.08 0.082 1410 5,000 nazt330m100v10x10.5jbf 33 100 0.07 0.65 200 5,000 nazt470m100v12.5x14hbf 47 0.07 0.32 500 5,000 nazt680m100v12.5x14hbf 68 0.07 0.32 500 5,000 nazt101m100v16x17hsf 100 0.07 0.17 793 5,000 nazt151m100v16x17hsf 150 0.07 0.17 793 5,000 surface mount aluminum electrolytic capacitors nazt series standard values, case sizes and specifications new expanded values for automotive equipment, see part number system precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com


▲Up To Search▲   

 
Price & Availability of NAZT681M35V125X14JLBYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X